PART |
Description |
Maker |
IS61NLP12832A-250B2 IS61NLP12832A-200B3I IS61NLP12 |
128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 32 ZBT SRAM, 2.6 ns, PBGA119 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 32 ZBT SRAM, 3.1 ns, PBGA165 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 36 ZBT SRAM, 3.1 ns, PBGA165 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 32 ZBT SRAM, 2.6 ns, PQFP100 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 36 ZBT SRAM, 3.1 ns, PQFP100
|
Integrated Silicon Solution, Inc.
|
IS61NVP12836A IS61NVP12836A-200B2 IS61NVP12836A-20 |
128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
|
ISSI[Integrated Silicon Solution, Inc]
|
AS7C33128PFS16A AS7C33128PFS18A AS7C33128PFS18A-13 |
3.3V 128K x 18 pipeline burst synchronous SRAM, clock speed - 133 MHz 3.3V 128K x 16/18 pipeline burst synchronous SRAM 3.3V 128K x 16 pipeline burst synchronous SRAM, clock speed - 133 MHz
|
Alliance Semiconductor
|
IS61NVP6436A-200TQI IS61NVP12818A-250TQ IS61NVP128 |
64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 18 ZBT SRAM, 3.1 ns, PQFP100 64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 18 ZBT SRAM, 2.6 ns, PQFP100
|
Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
AS7C33128PFD32B |
(AS7C33128PFD32B / AS7C33128PFD36B) 3.3V 128K X 32/36 pipeline burst synchronous SRAM
|
Alliance Semiconductor Corporation
|
AS7C33256PFS18A-166TQI AS7C33256PFS16A AS7C33256PF |
3.3V 256K x 16/18 pipeline burst synchronous SRAM 3.3V 256K×18 Ppipeline Burst Synchronous SRAM(3.3V 256K×18流水线脉冲同步静态RAM) 3.3 256K × 18 Ppipeline突发同步SRAM的电压(3.3V 256K × 18流水线脉冲同步静态内存) 3.3V 256K 】 16/18 pipeline burst synchronous SRAM 3.3V 256K x 16 pipeline burst synchronous SRAM, clock speed - 133MHz 3.3V 256K × 16/18 pipeline burst synchronous SRAM
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor ...
|
IS61LF12832-8.5TQI IS61LF12832-7.5TQI IS61LF12832- |
128K x 32, 128K x 36 synchronous flow-through static RAM 128K X 32 CACHE SRAM, 8.5 ns, PQFP100
|
INTEGRATED SILICON SOLUTION INC
|
MX27C1000A MX27C1000AMC-10 MX27C1000AMC-12 MX27C10 |
1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 90 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.5V), Fast Transient Response, Low Quiescent Current 5-DDPAK/TO-263 -40 to 125
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
28C011TRT1FS 28C011TRPFS 28C011TRPFS-20 28C011TRPF |
1 Megabit (128K x 8-Bit) EEPROM 1兆位128K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 1兆位28K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 CONNECTOR ACCESSORY POT 100K OHM THUMBWHEEL CERM ST
|
http:// NXP Semiconductors N.V. Maxwell Technologies, Inc
|
AS7C33128PFS32_36B AS7C33128PFS32B AS7C33128PFS32B |
Sync SRAM - 3.3V 3.3V 128K X 32/36 pipeline burst synchronous SRAM LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 3000; Container: Reel 128K X 36 STANDARD SRAM, 3.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|